Part Number Hot Search : 
LHR974 A1S109 DTD143TK 2SA1739 60103 LMR12WD CSD2425 001444
Product Description
Full Text Search
 

To Download CMZ5356B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NE
W
CMZ5342B THRU CMZ5388B
Central
TM
Semiconductor Corp.
HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMZ5342B Series Silicon Zener Diode is a high quality voltage regulator, manufactured in an epoxy molded surface mount package, designed for use in industrial, commercial, entertainment and computer applications.
SMC CASE ABSOLUTE MAXIMUM RATINGS: Power Dissipation (@TA=25C) Operating and Storage Temperature SYMBOL PD TJ,Tstg UNITS W C
5.0 -65 to +150
ELECTRICAL CHARACTERISTICS: (TA=25C), VF=1.2V MAX @ IF=1.0A FOR ALL TYPES.
MAXIMUM ZENER TYPE NO. MIN VOLTAGE VZ@IZT NOM MAX VOLT VOLTS VOLTS CMZ5342B* 6.460 CMZ5343B* 7.125 CMZ5344B* 7.790 CMZ5345B* 8.265 CMZ5346B* 8.645 CMZ5347B 9.500 CMZ5348B 10.45 CMZ5349B 11.40 CMZ5350B 12.35 CMZ5351B 13.30 CMZ5352B 14.25 CMZ5353B 15.20 CMZ5354B 16.15 CMZ5355B 17.10 CMZ5356B 18.05 CMZ5357B 19.00 CMZ5358B 20.90 CMZ5359B 22.80 CMZ5360B 23.75 CMZ5361B 25.65 CMZ5362B 26.60 CMZ5363B 28.50 CMZ5364B 31.35 CMZ5365B 34.20 TEST CURRENT
I ZT mA
MAXIMUM REVERSE CURRENT
IR @ VR mA VOLTS
MAXIMUM SURGE (Note 1)
MAXIMUM VOLTAGE (Note 2)
DV Z VOLTS
MAXIMUM REGULATOR MARKING CURRENT
IZM mA
ZENER IMPEDANCE
ZZT @I ZT ZZK @ IZK
CURRENT REGULATION
ir A
CODE
W
W
mA
6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36
7.140 7.875 8.610 9.135 9.555 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80
175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30
1.0 1.5 1.5 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10 11
200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
10 10 10 10 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19.0 20.6 21.2 22.8 25.1 27.4
11.5 10.7 10.0 7.5 9.2 8.6 8.0 7.5 7.0 6.7 6.3 6.00 5.8 5.5 5.3 5.1 4.7 4.4 4.3 4.1 3.9 3.7 3.5 3.3
0.15 0.15 0.20 0.20 0.22 0.22 0.25 0.25 0.25 0.25 0.25 0.30 0.35 0.40 0.40 0.40 0.45 0.55 0.55 0.60 0.60 0.60 0.65 0.65
700 630 580 545 520 475 430 395 365 340 315 295 280 264 250 237 216 198 190 176 170 158 144 132
C5342B C5343B C5344B C5345B C5346B C5347B C5348B C5349B C5350B C5351B C5352B C5353B C5354B C5355B C5356B C5357B C5358B C5359B C5360B C5361B C5362B C5363B C5364B C5365B
* Available on special order only, please consult factory.
320
ELECTRICAL CHARACTERISTICS: (TA=25C), VF=1.2V MAX @ IF=1.0A FOR ALL TYPES.
MAXIMUM ZENER TYPE NO. MIN VOLTAGE VZ@IZT NOM MAX VOLTS VOLTS VOLTS CMZ5366B CMZ5367B CMZ5368B CMZ5369B CMZ5370B CMZ5371B CMZ5372B CMZ5373B CMZ5374B CMZ5375B CMZ5376B CMZ5377B CMZ5378B CMZ5379B CMZ5380B CMZ5381B CMZ5382B CMZ5383B CMZ5384B CMZ5385B CMZ5386B CMZ5387B CMZ5388B 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 77.90 82.65 86.45 95.00 104.5 114.0 123.5 133.0 142.5 152.0 161.5 171.0 180.5 190.0 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 86.10 91.35 95.55 105.0 115.5 126.0 136.5 147.0 157.5 168.0 178.5 189.0 199.5 210.0 TEST CURRENT ZENER IMPEDANCE MAXIMUM REVERSE CURRENT MAXIMUM SURGE (Note 1) ir A 3.1 2.8 2.7 2.5 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 0.9 0.9 MAXIMUM VOLTAGE (Note 2) MAXIMUM REGULATOR MARKING CURRENT CODE
CURRENT REGULATIO
I ZT mA
30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0
ZZT @IZT
W
ZZK @ IZK mA
W
IR @ VR mA VOLTS
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 29.7 32.7 35.8 38.8 42.6 45.5 47.1 51.7 56.0 62.2 66.0 69.2 76.0 83.6 91.2 98.8 106 114 122 129 137 144 152
DV Z VOLTS
0.65 0.70 0.80 0.90 1.00 1.20 1.35 1.50 1.60 1.80 2.00 2.20 2.50 2.50 2.50 2.50 2.50 3.00 3.00 3.00 4.00 5.00 5.00
IZM mA
122 110 100 93.0 86.0 79.0 76.0 70.0 63.0 58.0 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6 C5366B C5367B C5368B C5369B C5370B C5371B C5372B C5373B C5374B C5375B C5376B C5377B C5378B C5379B C5380B C5381B C5382B C5383B C5384B C5385B C5386B C5387B C5388B
14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480
170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Note 1. Surge Current (ir) - Maximum allowable peak, non-recurrent square wave current (PW=8.3ms). Note 2. Voltage Regulation (DVZ) - VZ Measurements are made at 10% and then at 50% of the IZ max value listed in the electrical characteristics table. The test current time duration for each VZ measurement is 4010ms (TA=25C).
All Dimensions in Inches (mm).
TOP VIEW
R2
321


▲Up To Search▲   

 
Price & Availability of CMZ5356B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X